PART |
Description |
Maker |
MBR20200CT MBR20200CT_D ON0413 |
SWITCHMODE??Power Dual Schottky Rectifier SWITCHMODEPower Dual Schottky Rectifier 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Dual Schottky Rectifier SCHOTTKY BARRIER RECTIFIER From old datasheet system SWITCHMODE⑩ Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
72CPQ030 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 70 Amp 30V 70A Schottky Common Cathode Diode in a TO-247AC package
|
IRF[International Rectifier]
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
75SLQ045 75SLQ045-15 |
75V 45A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 A, 45 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD1060CT SD10100CT SD1080CT SD1020CT SD1030CT SD10 |
(SD1020CT - SD10100CT) SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|